Part Number Hot Search : 
CSND591 R1660 01V6V FN4871 BTS3134D 1235H 75122 C10H1
Product Description
Full Text Search
 

To Download IR2308PBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Data Sheet No. PD60209 revC
IR2308(S) & (PbF)
HALF-BRIDGE DRIVER
Features
www..com
* Floating channel designed for bootstrap operation * * * * * * * * * *
Fully operational to +600V Tolerant to negative transient voltage dV/dt immune Gate drive supply range from 10 to 20V Undervoltage lockout for both channels 3.3V, 5V and 15V input logic compatible Cross-conduction prevention logic Matched propagation delay for both channels Outputs in phase with inputs Logic and power ground +/- 5V offset. Internal 540ns dead-time Lower di/dt gate driver for better noise immunity Also available LEAD_FREE
Packages
8-Lead SOIC - IR2308S Also available LEAD-FREE (PbF)
8-Lead PDIP IR2308
2106//2108//2109/2304/2308 Feature Comparison
Part 2106 21064 2108 21084 2109 21094 2304 2308 Input logic HIN/LIN HIN/LIN Crossconduction prevention logic no yes Dead-Time Ground Pins COM VSS/COM COM VSS/COM COM VSS/COM
none Internal 540ns
Programmable 0.54~5 s
Description
Internal 540ns The IR2308(S) are high voltage, high speed power IN/SD yes Programmable 0.54~5 s MOSFET and IGBT drivers with dependent high and yes HIN/LIN Internal 100ns COM low side referenced output channels. Proprietary HVIC Internal 540ns COM HIN/LIN yes and latch immune CMOS technologies enable ruggedized monolithic construction. The logic input is compatible with standard CMOS or LSTTL output, down to 3.3V logic. The output drivers feature a high pulse current buffer stage designed for minimum driver cross-conduction. The floating channel can be used to drive an N-channel power MOSFET or IGBT in the high side configuration which operates up to 600 volts.
Typical Connection
up to 600V VCC
VCC
HIN LIN
VB HO VS LO
TO LOAD
HIN LIN COM
(Refer to Lead Assignments for correct pin configuration). This/These diagram(s) show electrical connections only. Please refer to our Application Notes and DesignTips for proper circuit board layout.
www.irf.com
1
IR2308(S) & (PbF)
Absolute Maximum Ratings
Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters are absolute voltages referenced to COM. The thermal resistance and power dissipation ratings are measured under board mounted and still air conditions. www..com
Symbol
VB VS VHO VCC VLO VIN dVS/dt PD RthJA TJ TS TL
Definition
High side floating absolute voltage High side floating supply offset voltage High side floating output voltage Low side and logic fixed supply voltage Low side output voltage Logic input voltage (HIN & LIN ) Allowable offset supply voltage transient Package power dissipation @ TA +25C Thermal resistance, junction to ambient Junction temperature Storage temperature Lead temperature (soldering, 10 seconds) (8 lead PDIP) (8 lead SOIC) (8 lead PDIP) (8 lead SOIC)
Min.
-0.3 VB - 25 VS - 0.3 -0.3 -0.3 VSS - 0.3 -- -- -- -- -- -- -50 --
Max.
625 VB + 0.3 VB + 0.3 25 VCC + 0.3 VCC + 0.3 50 1.0 0.625 125 200 150 150 300
Units
V
V/ns W C/W
C
Recommended Operating Conditions
The Input/Output logic timing diagram is shown in figure 1. For proper operation the device should be used within the recommended conditions. The VS and VSS offset rating are tested with all supplies biased at 15V differential.
Symbol
VB VS VHO VCC VLO VIN TA
Definition
High side floating supply absolute voltage High side floating supply offset voltage High side floating output voltage Low side and logic fixed supply voltage Low side output voltage Logic input voltage Ambient temperature
Min.
VS + 10 Note 1 VS 10 0 COM -40
Max.
VS + 20 600 VB 20 VCC VCC 125
Units
V
C
Note 1: Logic operational for VS of -5 to +600V. Logic state held for VS of -5V to -VBS. (Please refer to the Design Tip DT97-3 for more details).
2
www.irf.com
IR2308(S) & (PbF)
Dynamic Electrical Characteristics
VBIAS (VCC, VBS) = 15V, VSS = COM, CL = 1000 pF, TA = 25C, DT = VSS unless otherwise specified.
Symbol
www..com ton toff MT tr tf DT MDT
Definition
Turn-on propagation delay Turn-off propagation delay Delay matching | ton - toff Turn-on rise time Turn-off fall time Deadtime: LO turn-off to HO turn-on(DTLO-HO) & HO turn-off to LO turn-on (DTHO-LO) Deadtime matching = | DTLO-HO - DTHO-LO |
Min.
-- --
Typ.
220 200 0 150 50 540 0
Max. Units Test Conditions
300 280 46 220 80 680 60 nsec VS = 0V VS = 0V VS = 0V VS = 0V or 600V
|
-- -- -- 400 --
Static Electrical Characteristics
VBIAS (VCC, VBS) = 15V, VSS = COM, DT= VSS and TA = 25C unless otherwise specified. The VIL, VIH and IIN parameters are referenced to VSS/COM and are applicable to the respective input leads: HIN and LIN. The VO, IO and Ron parameters are referenced to COM and are applicable to the respective output leads: HO and LO.
Symbol
VIH VIL VOH VOL ILK IQBS IQCC IIN+ IINVCCUV+ VBSUV+ VCCUVVBSUVVCCUVH VBSUVH IO+ IO-
Definition
Logic "1" input voltage for HIN & LIN Logic "0" input voltage for HIN & LIN High level output voltage, VBIAS - VO Low level output voltage, VO Offset supply leakage current Quiescent VBS supply current Quiescent VCC supply current Logic "1" input bias current Logic "0" input bias current VCC and VBS supply undervoltage positive going threshold VCC and VBS supply undervoltage negative going threshold Hysteresis Output high short circuit pulsed current Output low short circuit pulsed current
Min. Typ. Max. Units Test Conditions
2.9 -- -- -- -- 20 0.4 -- -- 8.0 7.4 0.3 97 250 -- -- 0.8 0.3 -- 60 1.0 5 1 8.9 8.2 0.7 200 350 -- 0.8 1.4 0.6 50 150 1.6 20 2 10 9.0 -- -- -- mA VO = 0V, PW 10 s VO = 15V, PW 10 s A mA A V VCC = 10V to 20V VCC = 10V to 20V IO = 20 mA IO = 20 mA VB = VS = 600V VIN = 0V or 5V VIN = 0V or 5V HIN = 5V, LIN = 5V HIN = 0V, LIN = 0V
V
www.irf.com
3
IR2308(S) & (PbF)
Functional Block Diagram
www..com
VB
IR2308
HV LEVEL SHIFTER
UV DETECT R PULSE FILTER R S Q
HO
HIN
VSS/COM LEVEL SHIFT
VS
PULSE GENERATOR
DT
DEADTIME & SHOOT-THROUGH PREVENTION UV DETECT
VCC
LO
LIN
VSS/COM LEVEL SHIFT
DELAY
COM
VSS
4
www.irf.com
IR2308(S) & (PbF)
Lead Definitions
Symbol Description
www..com
HIN LIN VB HO VS VCC LO COM
Logic input for high side gate driver output (HO), in phase Logic input for low side gate driver output (LO), in phase High side floating supply High side gate driver output High side floating supply return Low side and logic fixed supply Low side gate driver output Low side return
Lead Assignments
1 2 3 4 VCC HIN LIN COM VB HO VS LO
8
7 6 5
1 2 3 4
VCC HIN LIN COM
VB HO VS LO
8
7 6 5
8 Lead PDIP
8 Lead SOIC Also available LEAD-FREE(PbF)
IR2308
IR2308S
www.irf.com
5
IR2308(S) & (PbF)
LIN
www..com
HIN
50%
50%
LIN HIN
ton
tr 90%
toff 90%
tf
HO
LO
HO LO
10%
10%
Figure 1. Input/Output Timing Diagram
Figure 2. Switching Time Waveform Definitions
LIN
50 % 50 %
HIN
90%
HO LO
DTLO-HO
10% DTHO-LO
90%
10% MDT= DT LO-HO - DT
HO-LO
Figure 3. Deadtime Waveform Definitions
IR WORLD HEADQUARTERS: 233 Kansas Street, El Segundo, California 90245 Tel: (310) 252-7105 Data and specifications subject to change without notice. 3/19/2003
6
www.irf.com
IR2308(S) & (PbF)
Case outlines
www..com
8-Lead PDIP
D A 5 B
FOOTPRINT 8X 0.72 [.028]
01-6014 01-3003 01 (MS-001AB)
DIM A b c D
INCHES MIN .0532 .013 .0075 .189 .1497 MAX .0688 .0098 .020 .0098 .1968 .1574
MILLIMETERS MIN 1.35 0.10 0.33 0.19 4.80 3.80 MAX 1.75 0.25 0.51 0.25 5.00 4.00
A1 .0040
6 E
8
7
6
5 H 0.25 [.010] A
E
6.46 [.255]
1
2
3
4
e e1 H K L
8X 1.78 [.070]
.050 BASIC .025 BASIC .2284 .0099 .016 0 .2440 .0196 .050 8
1.27 BASIC 0.635 BASIC 5.80 0.25 0.40 0 6.20 0.50 1.27 8
6X
e e1
3X 1.27 [.050]
y
A C 0.10 [.004] y
K x 45
8X b 0.25 [.010]
A1 CAB
8X L 7
8X c
NOTES: 1. DIMENSIONING & TOLERANCING PER ASME Y14.5M-1994. 2. CONTROLLING DIMENSION: MILLIMETER 3. DIMENSIONS ARE SHOWN IN MILLIMETERS [INCHES]. 4. OUTLINE C ONFORMS TO JEDEC OUTLINE MS-012AA.
5 DIMENSION DOES NOT INCLUDE MOLD PROTRUSIONS. MOLD PROTRUSIONS NOT TO EXCEED 0.15 [.006]. 6 DIMENSION DOES NOT INCLUDE MOLD PROTRUSIONS. MOLD PROTRUSIONS NOT TO EXCEED 0.25 [.010]. 7 DIMENSION IS THE LENGTH OF LEAD FOR SOLDERING TO A SUBSTRATE.
8-Lead SOIC
www.irf.com
01-6027 01-0021 11 (MS-012AA)
7
IR2308(S) & (PbF)
LEADFREE PART MARKING INFORMATION
www..com
Part number
IRxxxxxx YWW? ?XXXX
Lot Code (Prod mode - 4 digit SPN code) IR logo
Date code
Pin 1 Identifier ? P MARKING CODE Lead Free Released Non-Lead Free Released
Assembly site code Per SCOP 200-002
ORDER INFORMATION
Basic Part (Non-Lead Free) 8-Lead PDIP IR2308 order IR2308 8-Lead SOIC IR2308S order IR2308S Leadfree Part 8-Lead PDIP R2308 not available 8-Lead SOIC IR2308S order IR2308SPbF
Thisproduct has been designed and qualified for the industrial market. Qualification Standards can be found on IR's Web Site http://www.irf.com Data and specifications subject to change without notice. IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245 Tel: (310) 252-7105 6/15/2004
8
www.irf.com


▲Up To Search▲   

 
Price & Availability of IR2308PBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X